PART |
Description |
Maker |
109D706X9015F2E3 109D706X9015F0E3 109D826X0075F2B |
CAP 70UF 15VDC 10% 7.52 X 17.86MM AXL PLASTIC - Trays CAP 70UF 15VDC 10% 7.14 X 16.26MM AXL PLASTIC - Trays AXIAL,WET TA,82UF,75V,20%,F CASE,EX-RNG,SLV'D - Bulk CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 8.2 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 30 V, 8 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAP 25UF 8VDC 20% 5.16 X 13.08MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 2.5 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAP 25UF 8VDC 20% 4.75 X 11.51MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 30 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 8 V, 430 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 430UF 30VDC 20% 10.31 X 23.4MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 125 V, 1.7 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 4.5 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 360UF 50VDC 20% 9.53 X 26.97MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 4 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 70 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 540 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 30 V, 40 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 125 V, 9 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT
|
Vishay Sprague
|
TAJC107K006KNJ TAJC107K016KNJ TAJC107K016HNJ TAJC1 |
General purpose SMT chip tantalum series CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT, 2312 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 47 uF, SURFACE MOUNT, 2312 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 100 uF, SURFACE MOUNT, 2917 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 680 uF, SURFACE MOUNT, 2917 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 100 uF, SURFACE MOUNT, 2312 CHIP CAP 100UF 6V 20% TANT SMD-6032-28 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2312 CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 100 uF, SURFACE MOUNT, 2312 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2312 CHIP
|
AVX Corporation AVX, Corp.
|
CTC1D6.8UF106.3VG CTC1D6.8UF206.3VG CTC1D6.8UF206. |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 6.8 uF, SURFACE MOUNT, 1510 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 6.8 uF, SURFACE MOUNT, 2010 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.68 uF, SURFACE MOUNT, 1510 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 0.68 uF, SURFACE MOUNT, 1005 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 0.68 uF, SURFACE MOUNT, 1505 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 40 V, 0.68 uF, SURFACE MOUNT, 2005 CHIP
|
EXXELIA Group
|
TLSVZD0G337M12LE TLSVZD0J157M12LE TLSVZD0G227M12LE |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 330 uF, SURFACE MOUNT, 2916 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 150 uF, SURFACE MOUNT, 2916 CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 220 uF, SURFACE MOUNT, 2916
|
NEC TOKIN, Corp.
|
M39003/03-4029D M39003/09-4029D M39003/01-7385A M3 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 470 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 15 V, 120 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 100 V, 2.2 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 6.8 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
Vishay Intertechnology, Inc.
|
LP62S1024BU-55LLT LP62S1024BM-55LLT LP62S1024BM-70 |
SWITCH KEYLOCK DP3T 4A 45DEG 128K的8位低电压CMOS的SRAM Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:35VDC; Capacitor Dielectric Material:Tantalum; Capacitance:10uF; Capacitance Tolerance: /- 10%; Termination:Axial Leaded RoHS Compliant: Yes Round Illuminated pushbutton switch featuring threaded or snap in panel mount design 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
TCKIV475DT |
4.7UF, 10%, 35V, TANTALUM CAP, TANT, 35V, 2917 CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT, 2916
|
Cal-Chip Electronics
|
CWR09CK106MZAW CWR09CK106MZABULK CWR09CK106MZATR C |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 100 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.15 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.1 uF, SURFACE MOUNT CHIP
|
AVX, Corp.
|
TPSE227K10R60 TPSB156K10R600 TPSB156M10R600 TPSB68 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 220 uF, SURFACE MOUNT, 2917 CHIP, LEAD FREE CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 15 uF, SURFACE MOUNT, 1411 CHIP, LEAD FREE CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 68 uF, SURFACE MOUNT, 1411 CHIP, LEAD FREE
|
AVX, Corp.
|
NTP3.3M10TRA800F NTP33M6.3TRB300F |
CAPACITOR, TANTALUM, SOLID POLYMER, POLARIZED, 10 V, 3.3 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, TANTALUM, SOLID POLYMER, POLARIZED, 6.3 V, 33 uF, SURFACE MOUNT, 1411 CHIP
|
NIC Components, Corp.
|
|